Part Number Hot Search : 
CS109HMS NM24C16U TDA7443D TX005 25L16 ALE74B24 AN78M24F 22200
Product Description
Full Text Search
 

To Download 40L15CTPBF08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 40L15CTPbF
Vishay High Power Products
Schottky Rectifier, 2 x 20 A
FEATURES
Base 2 common cathode
* * * *
Anode
TO-220AB
Anode 2 1 Common 3 cathode
* * * *
125 C TJ operation (VR < 5 V) Pb-free Center tap configuration Available Very low forward voltage drop RoHS* High purity, high temperature epoxy COMPLIANT encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead (Pb)-free ("PbF" suffix) Designed and qualified for industrial level
PRODUCT SUMMARY
IF(AV) VR IRM 2 x 20 A 15 V 600 mA at 100 C
DESCRIPTION
This center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 125 C junction temperature. Typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection.
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL IF(AV) VRRM IFSM VF TJ tp = 5 s sine 19 Apk, TJ = 125 C (per leg) Range CHARACTERISTICS Rectangular waveform VALUES 40 15 700 0.25 - 55 to 125 UNITS A V A V C
VOLTAGE RATINGS
PARAMETER Maximum DC reverse voltage Maximum working peak reverse voltage SYMBOL VR VRWM 40L15CTPbF 15 UNITS V
ABSOLUTE MAXIMUM RATINGS
PARAMETER Maximum average forward current See fig. 5 per leg IF(AV) per device 5 s sine or 3 s rect. pulse IFSM 10 ms sine or 6 ms rect. pulse EAS IAR TJ = 25 C, IAS = 2 A, L = 6 mH Current decaying linearly to zero in 1 s Frequency limited by TJ maximum VA = 1.5 x VR typical Following any rated load condition and with rated VRRM applied 50 % duty cycle at TC = 85 C, rectangular waveform 40 A 700 330 10 2 mJ A SYMBOL TEST CONDITIONS VALUES 20 UNITS
Maximum peak one cycle non-repetitive surge current per leg See fig. 7 Non-repetitive avalanche energy per leg Repetitive avalanche current per leg
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 94216 Revision: 21-Aug-08 For technical questions, contact: diodes-tech@vishay.com www.vishay.com 1
40L15CTPbF
Vishay High Power Products Schottky Rectifier, 2 x 20 A
ELECTRICAL SPECIFICATIONS
PARAMETER SYMBOL 19 A Forward voltage drop per leg See fig. 1 VFM (1) 40 A 19 A 40 A Reverse leakage current per leg See fig. 2 Threshold voltage Forward slope resistance Maximum junction capacitance per leg Typical series inductance per leg Maximum voltage rate of change Note (1) Pulse width < 300 s, duty cycle < 2 % IRM (1) VF(TO) rt CT LS dV/dt TJ = 25 C TJ = 100 C TJ = TJ maximum VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 C Measured lead to lead 5 mm from package body Rated VR 8 10 000 TEST CONDITIONS TJ = 25 C TYP. 0.25 0.37 0.182 7.6 2000 MAX. 0.41 0.52 0.33 0.50 10 600 mA V m pF nH V/s V UNITS
TJ = 125 C VR = Rated VR
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER Maximum junction and storage temperature range Maximum thermal resistance, junction to case per leg Typical thermal resistance, case to heatsink Approximate weight minimum maximum Case style TO-220AB SYMBOL TJ, TStg RthJC RthCS DC operation Mounting surface, smooth and greased TEST CONDITIONS VALUES - 55 to 125 1.5 C/W 0.50 2 0.07 6 (5) 12 (10) g oz. kgf * cm (lbf * in) 40L15CT UNITS C
Mounting torque Marking device
www.vishay.com 2
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94216 Revision: 21-Aug-08
40L15CTPbF
Schottky Rectifier, 2 x 20 A Vishay High Power Products
IF - Instantaneous Forward Current (A)
1000
1000
IR - Reverse Current (mA)
TJ = 100 C 100 TJ = 75 C
100
10
TJ = 125 C TJ = 75 C TJ = 25 C
10
TJ = 50 C TJ = 25 C
1
1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.1 0 3 6 9 12 15
VFM - Forward Voltage Drop (V)
Fig. 1 - Maximum Forward Voltage Drop Characteristics (Per Leg)
VR - Reverse Voltage (V)
Fig. 2 - Typical Values of Reverse Current vs. Reverse Voltage (Per Leg)
10 000
CT - Junction Capacitance (pF)
TJ = 25 C 1000
100 0 5 10 15 20
VR - Reverse Voltage (V)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage (Per Leg)
ZthJC - Thermal Impedance (C/W)
10
1 D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20 Single pulse (thermal resistance) 0.01 0.00001
PDM t1 t2
0.1
Notes: 1. Duty factor D = t1/t2 2. Peak TJ = PDM x ZthJC + TC 0.1 1 10 100
0.0001
0.001
0.01
t1 - Rectangular Pulse Duration (s)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
Document Number: 94216 Revision: 21-Aug-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 3
40L15CTPbF
Vishay High Power Products Schottky Rectifier, 2 x 20 A
100 14
Allowable Case Temperature (C)
Average Power Loss (W)
95 90 Square wave (D = 0.50) 85 80 75 See note (1) 70 0 4 8 12 16 20 24
12 10 8 6 4
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS limit
DC 2 0 0 5 10 15 20 25 30
IF(AV) - Average Forward Current (A)
Fig. 5 - Maximum Allowable Case Temperature vs. Average Forward Current (Per Leg)
IF(AV) - Average Forward Current (A)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
IFSM - Non-Repetitive Surge Current (A)
1000
At any rated load condition and with rated VRRM applied following surge
100 10 100 1000 10 000
tp - Square Wave Pulse Duration (s)
Fig. 7 - Maximum Non-Repetitive Surge Current (Per Leg)
L High-speed switch Freewheel diode 40HFL40S02 + Vd = 25 V
D.U.T.
IRFP460 Rg = 25
Current monitor
Fig. 8 - Unclamped Inductive Test Circuit Note Formula used: TC = TJ - (Pd + PdREV) x RthJC; Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 10 V
(1)
www.vishay.com 4
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94216 Revision: 21-Aug-08
40L15CTPbF
Schottky Rectifier, 2 x 20 A Vishay High Power Products
ORDERING INFORMATION TABLE
Device code
40
1 1 2 3 4 5 6 -
L
2
15
3
C
4
T
5
PbF
6
Current rating (40 = 40 A) Schottky "L" series Voltage rating (15 = 15 V) C = Common cathode Package: T = TO-220
-
None = Standard production PbF = Lead (Pb)-free
Tube standard pack quantity: 50 pieces
LINKS TO RELATED DOCUMENTS Dimensions Part marking information http://www.vishay.com/doc?95222 http://www.vishay.com/doc?95225
Document Number: 94216 Revision: 21-Aug-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 40L15CTPBF08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X